| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TCS34713FN Datasheet(PDF) 30 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34713FN Datasheet(HTML) 30 Page - OSRAM GmbH |
|
30 / 39 page ![]() ams Datasheet Page 29 [v1-01] 2018-Mar-27 Document Feedback TCS3471 − Mechanical Data Figure 36: Package FN — Dual Flat No-Lead Packaging Configuration Note(s): 1. All linear dimensions are in micrometers. 2. The die is centered within the package within a tolerance of ± 75 μm. 3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55. 4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish. 5. This package contains no lead (Pb). 6. This drawing is subject to change without notice. Mechanical Data PACKAGE FN Dual Flat No-Lead 650 BSC 203 + 8 TOP VIEW SIDE VIEW BOTTOM VIEW Lead Free Pb 300 + 50 2000 + 75 2400 + 75 PIN 1 PIN 1 END VIEW 650 + 50 PIN OUT TOP VIEW 750 + 100 295 Nominal 406 + 10 CL of Solder Contacts and Photodiode Array Area (Note B) CL of Solder Contacts of Photodiode Array Area (Note B) CL 125 Nominal 6 SDA 5 INT 4 NC VDD 1 SCL 2 GND 3 496 + 10 Photodiode Active Area Green RoHS 2 2 |