Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DP83848C Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza DP83848C
Descripción Electrónicos  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button DP83848C_07 Datasheet HTML 74Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 75Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 76Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 77Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 78Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 79Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 80Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 81Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 82Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
78
www.national.com
8.2.26 RMII Transmit Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.26.1
X1 Clock Period
50 MHz Reference Clock
20
ns
T2.26.2
TXD[1:0], TX_EN, Data Setup
to X1 rising
4
ns
T2.26.3
TXD[1:0], TX_EN, Data Hold
from X1 rising
2
ns
T2.26.4
X1 Clock to PMD Output Pair
Latency
From X1 Rising edge to first bit of symbol
17
bits
X1
TXD[1:0]
TX_EN
Valid Data
T2.26.2
T2.26.3
T2.26.1
PMD Output Pair
Symbol
T2.26.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82