Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B45496R0108M539 Datasheet(PDF) 5 Page - EPCOS

No. de pieza B45496R0108M539
Descripción Electrónicos  Polymer; Multiple Anode; Ultra-Low ESR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

B45496R0108M539 Datasheet(HTML) 5 Page - EPCOS

  B45496R0108M539 Datasheet HTML 1Page - EPCOS B45496R0108M539 Datasheet HTML 2Page - EPCOS B45496R0108M539 Datasheet HTML 3Page - EPCOS B45496R0108M539 Datasheet HTML 4Page - EPCOS B45496R0108M539 Datasheet HTML 5Page - EPCOS B45496R0108M539 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
95
10/02
Tantalum Chip Capacitors
Polymer; Multiple Anode; Ultra-Low ESR
Overview of available types
Technical data and ordering codes
Capacitance tolerance: M =
± 20%
Ultra-Low ESR
Series
B45496R
VR (Vdc) up to 85 °C
2,5
4
6,3
CR (µF)
470
E
680
E
E
E
1000
E
E
1500
E
VR
up to 85 °C
(up to 105°C)
Vdc
CR
µF
Case
size
tan
δ
max
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
ESRmax1)
(20°C,
100 kHz)
m
Iac
(20°C,
100 kHz)
A
Ordering code2)
2,5
(1,7)
680
E
0,1
170
18
3,9
B45496R9687M50*
680
E
0,1
170
10
5,2
B45496R9687M53*
1000
E
0,1
250
18
3,9
B45496R9108M50*
1000
E
0,1
250
1
0
5,2
B45496R9108M53*
1500
E
0,1
380
20
3,7
B45496R9158M50*
1500
E
0,1
380
12
4,7
B45496R9158M53*
4
(2,5)
680
E
0,1
270
18
3,9
B45496R0687M50*
680
E
0,1
270
10
5,2
B45496R0687M53*
1000
E
0,1
400
18
3,9
B45496R0108M50*
1000
E
0,1
400
1
0
5,2
B45496R0108M53*
6,3
(4,0)
470
E
0,1
300
20
3,7
B45496R1477M50*
470
E
0,1
300
12
4,7
B45496R1477M53*
680
E
0,1
430
20
3,7
B45496R1687M50*
680
E
0,1
430
12
4,7
B45496R1687M53*
Upon request
1) Other values upon request
2) * Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45496



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com