| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCF8584 Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8584 Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 40 page ![]() 1997 Oct 21 18 Philips Semiconductors Product specification I2C-bus controller PCF8584 Fig.8 Master transmitter followed by repeated START and becoming master receiver. ndbook, full pagewidth START I2C-bus write routine (master transmitter mode excluding final STOP) send byte 45H send byte 'slave address' I2C-bus read routine (master receiver mode) END PCF8584 configured as master transmitter PCF8584 configured as master receiver A0 = HIGH A0 = LOW Load 45H into the S1 register; PCF8584 generates the repeated 'START condition' only. The current contents of register S0 is NOT clocked out onto the I2C-bus. The next byte sent to register S0 should be the 'slave address' + read bit. Load 'slave address' into the S0 register. Once loaded, it is automatically clocked out over the I2C-bus. 'Slave address' = slave address (7 bits) + R/W bit set '1'. MBE712 |