| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCF2131 Datasheet(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2131 Datasheet(HTML) 45 Page - NXP Semiconductors |
|
45 / 85 page ![]() NXP Semiconductors PCF2131 Nano-power highly accurate RTC with integrated quartz crystal MI SI Result on INTA/B Result on MSF 0 0 no interrupt generated MSF never set 1 0 an interrupt once per minute MSF set when minutes counter increments 0 1 an interrupt once per second MSF set when seconds counter increments 1 1 an interrupt once per second MSF set when seconds counter increments Table 79. Effect of bits MI and SI on pin INTA/B and bit MSF When MSF is set logic 1: • If TI_TP is logic 1, the interrupt is generated as a pulsed signal if not masked. • If TI_TP is logic 0, the interrupt is permanently active signal that remains until MSF is cleared. aaa-041610 58 59 59 00 11 seconds counter minutes counter INTA/B when SI enabled MSF when SI enabled INTA/B when only MI enabled MSF when only MI enabled 12 00 01 In this example, bit TI_TP is logic 1 and the MSF flag is not cleared after an interrupt. Figure 18. INTA/B example for SI and MI when TI_TP is logic 1 aaa-041572 58 seconds counter minutes counter INTA/B when SI enable MSF when SI enable INTA/B when only MI enabled MSF when only MI enabled 59 59 11 00 00 01 12 In this example, bit TI_TP is logic 0 and the MSF flag is cleared after an interrupt. Figure 19. INTA/B example for SI and MI when TI_TP is logic 0 PCF2131 All information provided in this document is subject to legal disclaimers. © 2023 NXP B.V. All rights reserved. Product data sheet Rev. 2.0 — 5 October 2023 45 / 85 |