| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BUL98 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BUL98 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() November 2006 Rev 2 1/10 10 Order code Part Number Marking Package Packing BUL98 BUL98 TO-220 Tube BUL98 High voltage fast-switching NPN power transistor General features ■ High voltage capability ■ Minimum lot-to-lot spread for reliable operation ■ Low base drive requirements ■ Very high switching speed ■ Fully characterized at 125 °C ■ In compliance with the 2002/93/EC European Directive Applications ■ Electronic transformers for halogen lamps ■ Switch mode power supply Description The device is manufactured using high voltage Multi-Epitaxial Planar technology for cost- effective high performance. It uses a Hollow Emitter structure to enhance switching speeds. The device is designed for use in lighting applications and low cost switch-mode power supplies. Internal schematic diagram TO-220 1 2 3 www.st.com |
Número de pieza similar - BUL98 |
|
Descripción similar - BUL98 |