Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STTH112 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STTH112
Descripción Electrónicos  High voltage ultrafast rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH112_07 Datasheet HTML 1Page - STMicroelectronics STTH112_07 Datasheet HTML 2Page - STMicroelectronics STTH112_07 Datasheet HTML 3Page - STMicroelectronics STTH112_07 Datasheet HTML 4Page - STMicroelectronics STTH112_07 Datasheet HTML 5Page - STMicroelectronics STTH112_07 Datasheet HTML 6Page - STMicroelectronics STTH112_07 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package mechanical data
STTH112
4/7
2
Package mechanical data
Epoxy meets UL 94, V0
Figure 8.
Footprint (dimensions in mm)
Table 5.
SMA dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.094
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.006
0.016
D
2.25
2.90
0.089
0.114
E
4.80
5.35
0.189
0.211
E1
3.95
4.60
0.156
0.181
L
0.75
1.50
0.030
0.059
E
C
L
E1
D
A1
A2
b
2.63
5.43
1.4
1.64
1.4



Html Pages

1 2 3 4 5 6 7