| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CLM223 Datasheet(PDF) 1 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CLM223 Datasheet(HTML) 1 Page - Endress+Hauser Group Services AG |
|
1 / 20 page ![]() Transmitter for conductive and inductive sensors Application • Ultrapure water • Water treatment • Ion exchanger and reverse osmosis • Cooling water desalination • Wastewater Your benefits • Field or panel-mounted housing • Easy to use – Simple menu structure – Calibration using the CAL key • Manual contact control and user-defined alarm configuration The basic device can be extended with: • 2 or 4 contacts for use as – Limit contacts (also for temperature) – P(ID) controller – Timer for simple rinse processes or Chemoclean • Plus package: – Configurable current output characteristic – Ultrapure water monitoring (USP/EP, conductive) – Concentration Measurement – Process check system (PCS): Sensor signal live check • HART or PROFIBUS-PA/-DP • 2nd current output: temperature, main measured value, actuating variable • Current input for flow monitoring or for feedforward control Products Solutions Services Technical Information Liquisys M CLM223/253 Conductivity/resistivity measurement TI00193C/07/EN/15.14 71273532 |
Número de pieza similar - CLM223 |
|
Descripción similar - CLM223 |