| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CLD134 Datasheet(PDF) 16 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CLD134 Datasheet(HTML) 16 Page - Endress+Hauser Group Services AG |
|
16 / 24 page ![]() Smartec CLD134 16 Endress+Hauser Ø 6(0.24) 36.5(1.44) 16(0.63) Ø 9 (0 .3 5) 0 0 16(0.63) 36.5(1.44) Ø 6(0.24) Ø 9 (0 .3 5) A B 17(0.67) Ø 89.5 (3.52) 12.5(0.49) Ø 84 (3.31) A0005501 14 Process connections for compact version (short), dimensions in mm (inch) A NEUMO BioControl D50 For pipe connection: DN 40 (DIN 11866 series A, DIN 11850) DN 42.4 (DIN 11866 series B, DIN EN ISO 1127) 2" (DIN 11866 series C, ASME-BPE) B Varivent N DN 40 to 125 Ø 6(0.24) 36.5(1.44) 16(0.63) 0 126(4.96) 126(4.96) 0 16(0.63) 36.5(1.44) Ø 6(0.24) A B 17(0.67) Ø 89.5 (3.52) 12.5(0.49) Ø 84 (3.31) A0004949 15 Process connections of CLS54 (short version) A NEUMO BioControl D50 For pipe connection: DN 40 (DIN 11866 series A, DIN 11850) DN 42.4 (DIN 11866 series B, DIN EN ISO 1127) 2" (DIN 11866 series C, ASME-BPE) B Varivent N DN 40 to 125 |