| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCF85063AT Datasheet(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85063AT Datasheet(HTML) 36 Page - NXP Semiconductors |
|
36 / 55 page ![]() NXP Semiconductors PCF85063A Tiny Real-Time Clock/calendar with alarm function and I2C-bus aaa-005737 -50 -30 -10 10 30 50 70 90 0 200 400 600 800 Temperature (ºC) IIDD DD IDD (nA) (nA) (nA) (1) (2) CL(itg) = 7 pF; CLKOUT disabled. 1. VDD = 5.5 V. 2. VDD = 3.3 V. aaa-005738 -50 -30 -10 10 30 50 70 90 0 200 400 600 800 1000 Temperature (ºC) IIDD DD IDD (nA) (nA) (nA) (1) (2) CL(itg) = 12.5 pF; CLKOUT disabled. 1. VDD = 5.5 V. 2. VDD = 3.3 V. Figure 26. Typical IDD as a function of temperature PCF85063A All information provided in this document is subject to legal disclaimers. © 2023 NXP B.V. All rights reserved. Product data sheet Rev. 7.1 — 8 November 2023 36 / 55 |