Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL83204A Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL83204A
Descripción Electrónicos  60V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83204A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL83204A Datasheet HTML 2Page - Intersil Corporation ISL83204A Datasheet HTML 3Page - Intersil Corporation ISL83204A Datasheet HTML 4Page - Intersil Corporation ISL83204A Datasheet HTML 5Page - Intersil Corporation ISL83204A Datasheet HTML 6Page - Intersil Corporation ISL83204A Datasheet HTML 7Page - Intersil Corporation ISL83204A Datasheet HTML 8Page - Intersil Corporation ISL83204A Datasheet HTML 9Page - Intersil Corporation ISL83204A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6397.2
March 20, 2007
Switching Specifications VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 10k,
CL = 1000pF, and TA = +25°C, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = - 40°C to +125°C
UNITS
MIN TYP MAX
MIN
MAX
Lower Turn-off Propagation Delay (IN+/IN- to ALO/BLO)
tLPHL
-
40
70
-
90
ns
Upper Turn-off Propagation Delay (IN+/IN- to AHO/BHO)
tHPHL
-50
80
-
110
ns
Lower Turn-on Propagation Delay (IN+/IN- to ALO/BLO)
tLPLH
-
40
70
-
90
ns
Upper Turn-on Propagation Delay (IN+/IN- to AHO/BHO)
tHPLH
-
70
110
-
140
ns
Rise Time
tR
-
10
25
-
35
ns
Fall Time
tF
-
10
25
-
35
ns
Turn-on Input Pulse Width
tPWIN-ON
50
-
-
50
-
ns
Turn-off Input Pulse Width
tPWIN-OFF
40
-
-
40
-
ns
Disable Turn-off Propagation Delay
(DIS - Lower Outputs)
tDISLOW
-
45
75
-
95
ns
Disable Turn-off Propagation Delay
(DIS - Upper Outputs)
tDISHIGH
-55
85
-
105
ns
Disable to Lower Turn-on Propagation Delay
(DIS - ALO and BLO)
tDLPLH
-
45
70
-
90
ns
Refresh Pulse Width (ALO and BLO)
tREF-PW
240
380
500
200
600
ns
Disable to Upper Enable (DIS - AHO and BHO)
tUEN
-
480
630
-
750
ns
HEN-AHO, BHO Turn-off, Propagation Delay
tHEN-PHL
RHDEL = RLDEL = 10k
-
40
70
-
90
ns
HEN-AHO, BHO Turn-on, Propagation Delay
tHEN-PLH
RHDEL = RLDEL = 10k
-
60
90
-
110
ns
TRUTH TABLE
INPUT
OUTPUT
IN+ >IN-
HEN
U/V
DIS
ALO
AHO
BLO
BHO
X
X
X
10000
0
0001000
1
1000110
0
1001001
1
0000010
X
X
1
X
0000
ISL83204A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com