Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6M30AXSPQ Datasheet(PDF) 1 Page - Marathon Special Products

No. de pieza 6M30AXSPQ
Descripción Electrónicos  600 Volts AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARATHON [Marathon Special Products]
Página de inicio  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

6M30AXSPQ Datasheet(HTML) 1 Page - Marathon Special Products

  6M30AXSPQ Datasheet HTML 1Page - Marathon Special Products 6M30AXSPQ Datasheet HTML 2Page - Marathon Special Products 6M30AXSPQ Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Data Sheet
www.marathonsp.com
Class M Fuse Holder
6M30AXSPQ
Replace “X” with 1 or 3 for number of poles
Wire Range
• #10 - #18 AWG
Electrical Ratings
• 0 - 30A Max
- Amperage rating based on maximum fuse rating for that physical size
• Copper wire Only
• 600 Volts AC/DC
• Approved for 100,000 Amp Withstand Rating
Agency Compliance
• UL Recognized, Fuseholder standards UL 4248-1
• UL File No. IZLT.E35113
• CSA Certified: 22.2 No 39 - M1987, File No. LR21455
• CE compliant to IEC 60947-1
• RoHS Compliant
Material Information
• Connector: Aluminum, tin plated
• Insulator base:
- High Impact Thermoplastic
- Flammability rating of insulator base UL94 V-0
- Insulator base maximum temperature rating: 125°C (UL RTI)
- Touch protection: IP-20 (IEC 60529) with optional cover CC630 (See accessories)
- Use outside these ratings needs to be judged in the end-use application
• Fuse Clip: Copper alloy, tin plated
• Box Connector: Copper, tin plated
• Terminal set screws: Steel, zinc plated
• Connector mounting screws: Steel, zinc plated


Número de pieza similar - 6M30AXSPQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marathon Special Produc...
6M30AXSQ MARATHON-6M30AXSQ Datasheet
227Kb / 3P
600 Volts AC/DC
REV-D 01/20/2019
More results

Descripción similar - 6M30AXSPQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marathon Special Produc...
1MS102 MARATHON-1MS102 Datasheet
169Kb / 3P
600 Volts AC/DC
REV-D 3/3/2020
1MS103 MARATHON-1MS103 Datasheet
178Kb / 3P
600 Volts AC/DC
REV-D 3/3/2020
1MS104 MARATHON-1MS104 Datasheet
183Kb / 3P
600 Volts AC/DC
REV-D 3/3/2020
6F200AXBE MARATHON-6F200AXBE Datasheet
230Kb / 2P
600 Volts AC/DC
REV-E 03/13/2020
6M30AXB MARATHON-6M30AXB Datasheet
239Kb / 3P
600 Volts AC/DC
REV-D 02/19/2019
6M30AXSQ MARATHON-6M30AXSQ Datasheet
227Kb / 3P
600 Volts AC/DC
REV-D 01/20/2019
6SM30AXIC MARATHON-6SM30AXIC Datasheet
237Kb / 2P
600 Volts (AC/DC)
10/05/23
R6F60AXB MARATHON-R6F60AXB Datasheet
193Kb / 3P
600 Volts AC/DC
REV-D 05/08/2019
R6J30AXB MARATHON-R6J30AXB Datasheet
393Kb / 3P
600 Volts AC/DC
REV-D 03/05/2019
R6J30AXS MARATHON-R6J30AXS Datasheet
335Kb / 3P
600 Volts AC/DC
REV-D 12/12/2019
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com