Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CMCP786T-IP Datasheet(PDF) 1 Page - STI Vibration Monitoring Inc.

No. de pieza CMCP786T-IP
Descripción Electrónicos  Dual Top Entry Accelerometer with Temperature Submersible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STI [STI Vibration Monitoring Inc.]
Página de inicio  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP786T-IP Datasheet(HTML) 1 Page - STI Vibration Monitoring Inc.

  CMCP786T-IP Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP786T-IP Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMCP786T-IP
Dual Top Entry Accelerometer with Temperature
Submersible
Features
Dual Output Accelerometer with Temperature
100 mV/g ±10% and 10 mV/°C
140°C Max Temperature Range
±80 g Dynamic Range
Integral PUR Cable
Class 1 Division 2 Approved
Class 1 Division 1 Approved with IS Barrier or Isolator
¼”-28 UNF and M8x1.25 Mounting Studs Included
Sealed to IP68
Typical Applications
Fans, Motors, Pumps, Compressors, Centrifuges, Conveyors, Air Handlers, Gearboxes, Rolls, Dryers, Presses,
Cooling, HVAC, Spindles, Machine Tooling, Process Equipment and many more.
Technical Performance
Mounted Base Resonance:
30 kHz (nominal)
Sensitivity (Acceleration):
100 mV/g ±10% Nominal 80 Hz at 22°C
Sensitivity (Temperature):
10 mV/°C (0-100°C Range)
Frequency Response:
2.0 Hz to 10 kHz ±5%
(120 cpm to 600 kcpm)
1.5 Hz to 12 kHz ±10%
(90 cpm to 720 kcpm)
0.8 Hz to 15 kHz ±3dB
(48 cpm to 900 kcpm)
Isolation:
Base Isolated
Measurement Range:
±80 g
Transverse Sensitivity:
Less than 5%
Electrical
Supply Voltage:
18-30 VDC
Current Range:
0.5 to 8 mA
Bias Voltage:
10-12 VDC
Electrical Noise:
0.1 mg Max.
Settling Time:
1.5 Second
Output Impedance:
200 Ohm Max.
Case Isolation:
>108 Ohm at 500 Volt
Environmental
Operating Temperature Range:
-67 to 284°F (-55 to 140°C)
Sealing:
IP68
Submersible:
Up to 100 meter (10 bar)
Maximum Shock:
5000 g
Approvals:
CE and UKCA Approved
CSA/UL Class 1 Division 2, Groups B, C and D
Mechanical
Case Material:
Stainless Steel
Sensing Element/Construction:
PZT/Compression
Mounting Torque:
5.9 ft-lbs (8 Nm)
Weight:
4.9 Oz (139 gram), Sensor only
Mating Connector:
Flying Leads (White/Black/Red/Shield)
Mounting Thread:
1/4-28 UNF and M8x1.25 Mounting Studs Provided


Número de pieza similar - CMCP786T-IP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STI Vibration Monitorin...
CMCP786T-I STI-CMCP786T-I Datasheet
499Kb / 2P
Dual Top Entry Accelerometer with Temperature Integral Braided Armored Cable
January 2023
More results

Descripción similar - CMCP786T-IP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STI Vibration Monitorin...
CMCP785A-IP STI-CMCP785A-IP Datasheet
538Kb / 2P
General Purpose Side Entry Accelerometer, Submersible
January 2023
CMCP785T-IP STI-CMCP785T-IP Datasheet
544Kb / 2P
Dual Output Side Entry Accelerometer with Temperature Submersible
January 2023
CMCP786A-IP STI-CMCP786A-IP Datasheet
516Kb / 2P
General Purpose Top Entry Accelerometer, Submersible
January 2023
CMCP786A-LF-IP STI-CMCP786A-LF-IP Datasheet
525Kb / 2P
Low Frequency Top Entry Accelerometer, Submersible
January 2023
CMCP786T-I STI-CMCP786T-I Datasheet
499Kb / 2P
Dual Top Entry Accelerometer with Temperature Integral Braided Armored Cable
January 2023
CMCP786T STI-CMCP786T Datasheet
507Kb / 2P
Dual Output Top Entry Accelerometer with Temperature 3 Pin MS 5015
January 2023
CMCP787A-IP STI-CMCP787A-IP Datasheet
567Kb / 2P
Premium Side Entry Accelerometer, Submersible
July 2023
CMCP787T-IP STI-CMCP787T-IP Datasheet
567Kb / 2P
Premium Dual Output Side Entry Accelerometer with Temperature, Submersible with Integral PUR Cable
July 2023
CMCP788A-IP STI-CMCP788A-IP Datasheet
521Kb / 2P
Premium Top Entry Accelerometer, Submersible
July 2023
CMCP788T-IP STI-CMCP788T-IP Datasheet
542Kb / 2P
Premium Dual Output Top Entry Accelerometer with Temperature and Submersible PUR Integral Cable
July 2023
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com