Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA3200DAK4AX Datasheet(PDF) 61 Page - Advanced Micro Devices

No. de pieza ADA3200DAK4AX
Descripción Electrónicos  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DAK4AX Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button ADA3200DAK4AX Datasheet HTML 57Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 58Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 59Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 60Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 61Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 62Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 63Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 64Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
61
AMD Sempron™ Processor
Table 21: AMD Sempron™ Processor L2 Cache Size Options
OPN
Character
Cache Size
3256 KB
2128 KB
Table 22: AMD Sempron™ Processor Temperature Options
OPN
Character
Temperature
P
70oC
O
69oC
Table 23: AMD Sempron™ Processor Operating Voltage
OPN
Character
Operating
Voltage
I1.40 V
Table 24: AMD Sempron™ Processor Package Options
OPN
Character
Package
A
754 Pin Lidded O
μPGA
Table 25: AMD Sempron™ Processor Model Number Options
Package
Cache Size Frequency
Model
Number
754 Pin Lidded O
μPGA 128 KB
1600 MHz
2600+
754 Pin Lidded O
μPGA 256 KB
1600 MHz
2800+
754 Pin Lidded O
μPGA 128 KB
1800 MHz
3000+
754 Pin Lidded O
μPGA 256 KB
1800 MHz
3100+
754 Pin Lidded O
μPGA 128 KB
2000 MHz
3300+
754 Pin Lidded O
μPGA 256 KB
1400 MHz
2500+
754 Pin Lidded O
μPGA 256 KB
2000 MHz
3400+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com