| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADA3200AAP3AX Datasheet(PDF) 64 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AAP3AX Datasheet(HTML) 64 Page - Advanced Micro Devices |
|
64 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 64 AMD Sempron™ Processor The notes for this table appear on page 67. Parameter/OPN Notes M odel Number CPUID 8000_0001h EBX [11:6] (BrandID) 1 CPUID 8000_0001h EAX [31:0] (CPUID) 1 FID/VID Status MaxVID Field 2 FID/VID Status MaxFID Field 2 FID/VID Status StartVID Field 2 FID/VID Status StartFID Field 2 L2 Cache Size Max P-S tate VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #1 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #2 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #3 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #4 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #5 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #6 5 VID Code / VID_VDD 3 Thermal Design Power 4 Min P-State VID Code / VID_VDD 3 Thermal Design Power 4 S DA3100AIO3BA 3100+ 22h 00010FC0h 04h 0Ah 06h 0Ah 256 KB 1800 M Hz 06h 1.400 V 59.0 W N/A N/A N/A N/A N/A N/A 1000 M Hz 12h 1.100 V 19.0 W S DA3300AIO2BA 3300+ 22h 00010FC0h 04h 0Ch 06h 0Ch 128 KB 2000 MHz 06h 1.400 V 59.0 W 1800 MHz 08h 1.350 V 48.8 W N/A N/A N/A N/A N/A 1000 MHz 12h 1.100 V 18.0 W |