Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29BDD160GT28DPBE Datasheet(PDF) 76 Page - Advanced Micro Devices

No. de pieza AM29BDD160GT28DPBE
Descripción Electrónicos  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBE Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBE Datasheet HTML 71Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 72Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 73Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 74Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 75Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 76Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 77Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 78Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 79Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
74
Am29BDD160G
June 7, 2006
PHYSICAL DIMENSIONS
LAA 080–80-ball Fortified Ball Grid Array (13 x 11 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79