Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

COM20022I-HT Datasheet(PDF) 75 Page - SMSC Corporation

No. de pieza COM20022I-HT
Descripción Electrónicos  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMSC [SMSC Corporation]
Página de inicio  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 75 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 71Page - SMSC Corporation COM20022I-HT Datasheet HTML 72Page - SMSC Corporation COM20022I-HT Datasheet HTML 73Page - SMSC Corporation COM20022I-HT Datasheet HTML 74Page - SMSC Corporation COM20022I-HT Datasheet HTML 75Page - SMSC Corporation COM20022I-HT Datasheet HTML 76Page - SMSC Corporation COM20022I-HT Datasheet HTML 77Page - SMSC Corporation COM20022I-HT Datasheet HTML 78Page - SMSC Corporation COM20022I-HT Datasheet HTML 79Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 75
Revision 02-27-06
DATASHEET
Note*: t7 is measured from the latest active timing among TC, Write/Read.
VALID
VALID
nCS
nREFEX
DREQ
nDACK
TC
DIR
nDS
DATA
(D15-D0)
t10
t19
t3
t2
t21
t24
t6
t20
t19
t20
t3
t7*
t25
t24
t25
t5
t4
t15
t16
t11
t12
t8
t9
t14
t13
t17
t18
Write LOW-POINTER
when DMAEN=1
t22
t23
t22
t23
VALID
VALID
t26
t1
Figure 8.18
- DMA Timing (Motorola Mode 68XX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82