Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M420000071 Datasheet(PDF) 74 Page - SPANSION

No. de pieza M420000071
Descripción Electrónicos  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

M420000071 Datasheet(HTML) 74 Page - SPANSION

Back Button M420000071 Datasheet HTML 70Page - SPANSION M420000071 Datasheet HTML 71Page - SPANSION M420000071 Datasheet HTML 72Page - SPANSION M420000071 Datasheet HTML 73Page - SPANSION M420000071 Datasheet HTML 74Page - SPANSION M420000071 Datasheet HTML 75Page - SPANSION M420000071 Datasheet HTML 76Page - SPANSION M420000071 Datasheet HTML 77Page - SPANSION M420000071 Datasheet HTML 78Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
72
Am42BDS6408H
October 23, 2003
A D VA NCE
I N FO RM ATIO N
AC CHARACTERISTICS
Notes:
1. Status reads in figure are shown as asynchronous.
2. VA = Valid Address. Two read cycles are required to determine status. When the Embedded Algorithm operation is complete,
and Data# Polling will output true data.
3. While in Asynchronous mode, RDY will be low while the device is in embedded erase or programming mode.
Figure 37.
Data# Polling Timings (During Embedded Algorithm)
Notes:
1. Status reads in figure are shown as asynchronous.
2. VA = Valid Address. Two read cycles are required to determine status. When the Embedded Algorithm operation is complete,
the toggle bits will stop toggling.
3. While in Asynchronous mode, RDY will be low while the device is in embedded erase or programming mode.
Figure 38.
Toggle Bit Timings (During Embedded Algorithm)
WE#
CE#
OE#
tOE
Addresses
AVD#
tOEH
tCE
tCH
tOEZ
tCEZ
Status Data
Status Data
tACC
VA
VA
Data
WE#
CE#
OE#
tOE
Addresses
AVD#
tOEH
tCE
tCH
tOEZ
tCEZ
Status Data
Status Data
tACC
VA
VA
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com