Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM49PDL129BH Datasheet(PDF) 13 Page - SPANSION

No. de pieza AM49PDL129BH
Descripción Electrónicos  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

AM49PDL129BH Datasheet(HTML) 13 Page - SPANSION

Back Button AM49PDL129BH Datasheet HTML 9Page - SPANSION AM49PDL129BH Datasheet HTML 10Page - SPANSION AM49PDL129BH Datasheet HTML 11Page - SPANSION AM49PDL129BH Datasheet HTML 12Page - SPANSION AM49PDL129BH Datasheet HTML 13Page - SPANSION AM49PDL129BH Datasheet HTML 14Page - SPANSION AM49PDL129BH Datasheet HTML 15Page - SPANSION AM49PDL129BH Datasheet HTML 16Page - SPANSION AM49PDL129BH Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
December 16, 2003
Am49PDL127BH/Am49PDL129BH
11
ADV ANCE
I N FO RMAT I O N
To provide customers with a migration path to higher
densities, as well as the option of stacking more die in
o ne pa cka g e, th e pre ce d ing diagram s h ow s a
look-ahead ballout that supports:
■ NOR Flash and SRAM densities up to 4 Gigabits
■ NOR Flash and PSRAM densities up to 4 Gigabits
■ NOR Flash and PSRAM and DATA STORAGE den-
sities up to 4 Gigabits
The signal locations of the resultant MCP device are
shown in the diagram. Note that for different densities,
the actual package outline may vary. However, any
ballout in any MCP will be a subset of the ballout dia-
gram shown.
In some cases, there may be outrigger balls in loca-
tions outside the grid shown. Do not connect these
outrigger balls to any signal. For further information re-
garding the look-ahead ballout, contact the appropri-
ate AMD or Fujitsu sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86