Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M49000000U Datasheet(PDF) 64 Page - Advanced Micro Devices

No. de pieza M49000000U
Descripción Electrónicos  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000U Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button M49000000U Datasheet HTML 56Page - Advanced Micro Devices M49000000U Datasheet HTML 57Page - Advanced Micro Devices M49000000U Datasheet HTML 58Page - Advanced Micro Devices M49000000U Datasheet HTML 59Page - Advanced Micro Devices M49000000U Datasheet HTML 60Page - Advanced Micro Devices M49000000U Datasheet HTML 61Page - Advanced Micro Devices M49000000U Datasheet HTML 62Page - Advanced Micro Devices M49000000U Datasheet HTML 63Page - Advanced Micro Devices M49000000U Datasheet HTML 64Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 64 page
background image
July 19, 2002
Am49DL32xBG
63
P R E L I M I NARY
REVISION SUMMARY
Revision A (March 8, 2002)
Initial release.
Revision A+1 (July 19, 2002)
Table 8. Bottom Boot Sector/Sector Block
Addresses for Protection/Unprotection
Added Table.
Table 12. Command Definitions (Flash Word Mode)
Table 13. Command Definitions (Flash Byte Mode)
Modified Note 10. changed 80h to 82h and 00h to 02h.
Trademarks
Copyright © 2002 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64