| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADA3200DIK5AP Datasheet(PDF) 44 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DIK5AP Datasheet(HTML) 44 Page - Advanced Micro Devices |
|
44 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 44 AMD Athlon™ 64 Processor The notes for this table appear on page 48. Parameter/OPN Notes Tcase M ax 1, 13 Tcontrol M ax 2 Tambient Thermal Resistance (case-amb) Thermal Profile 14 Max P-S tate VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #1 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #2 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #3 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #4 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #5 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #6 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Min P-S tate VID_VDD 3 IDD M ax Thermal Design Power 4 Halt/S top Grant IDDC1 Max @ Max P-State 5 IDDC1 Max @ Min P-State 6 I/O Power 8, 12 S3 7 I/O Power 7, 9, 12 BB 1.350 V 1.400 V 1.350 V 1.400 V B 49°C to 65°C 49°C to 65°C 49°C to 65°C 42°C 70°C 70°C 42°C 42°C 70°C 8.0 A 2.9 W 500 mW 22.4 A 27.5 W 25.8 A 1000 MHz 1.100 V N/A N/A N/A 39.9 A 54.8 W N/A 45.8 A 64.7 W 1800 MHz 1.300 V 47.5 A 67.0 W 2000 MHz 1.350 V ADA3500DAA4BW 0.34°C/W 2200 MHz 2.9 W 500 mW 28.6 W 25.8 A 8.0 A 1000 M Hz 1.100 V 23.4 A N/A N/A N/A N/A 64.7 W N/A 67.0 W 1800 M Hz 1.350 V 45.8 A ADA3200DAA4BW 0.34°C/W 2000 M Hz 47.5 A 500 mW 19.3 A 4.2 A 2.9 W 1000 MHz 1.100 V 24.3 A 29.6 W N/A N/A N/A N/A N/A N/A 47.5 A 67.0 W ADA3000DAA4BW 0.34°C/W 1.350 V 1.400 V 1800 MHz |