| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADA3200DAP5AP Datasheet(PDF) 47 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DAP5AP Datasheet(HTML) 47 Page - Advanced Micro Devices |
|
47 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 47 AMD Athlon™ 64 Processor The notes for this table appear on page 48. Parameter/OPN Notes Tcase Max 1, 13 Tcontrol M ax 2 Tambient Thermal Resistance (case-amb) Thermal Profile 14 Max P-State VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #1 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #2 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #3 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #4 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #5 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #6 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Min P-S tate VID_VDD 3 IDD M ax Thermal Design Power 4 Halt/S top Grant IDDC1 Max @ Max P-State 5 IDDC1 Max @ Min P-State 6 I/O Power 8, 12 S3 7 I/O Power 7, 9, 12 N/A 34.9 A 51.0 W ADA3000AIK4BX 0.45°C/W 65°C 1800 MHz 1.350 V 1.400 V 30.1 A 42.8 W N/A N/A N/A N/A N/A 1000 MHz 1.100 V 15.2 A 18.9 W 19.3 A 4.2 A 2.2 W 500 mW 70°C 42°C 2000 MHz |