Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD640G83UI Datasheet(PDF) 59 Page - Advanced Micro Devices

No. de pieza PD640G83UI
Descripción Electrónicos  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G83UI Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button PD640G83UI Datasheet HTML 53Page - Advanced Micro Devices PD640G83UI Datasheet HTML 54Page - Advanced Micro Devices PD640G83UI Datasheet HTML 55Page - Advanced Micro Devices PD640G83UI Datasheet HTML 56Page - Advanced Micro Devices PD640G83UI Datasheet HTML 57Page - Advanced Micro Devices PD640G83UI Datasheet HTML 58Page - Advanced Micro Devices PD640G83UI Datasheet HTML 59Page - Advanced Micro Devices PD640G83UI Datasheet HTML 60Page - Advanced Micro Devices PD640G83UI Datasheet HTML 61Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
December 13, 2005
Am29PDL640G
57
D A TA SH EE T
PHYSICAL DIMENSIONS
FBE063—63-Ball Fine-pitch Ball Grid Array 12 x 11 mm package
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61