Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA3200DAP4AP Datasheet(PDF) 95 Page - Advanced Micro Devices

No. de pieza ADA3200DAP4AP
Descripción Electrónicos  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DAP4AP Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button ADA3200DAP4AP Datasheet HTML 87Page - Advanced Micro Devices ADA3200DAP4AP Datasheet HTML 88Page - Advanced Micro Devices ADA3200DAP4AP Datasheet HTML 89Page - Advanced Micro Devices ADA3200DAP4AP Datasheet HTML 90Page - Advanced Micro Devices ADA3200DAP4AP Datasheet HTML 91Page - Advanced Micro Devices ADA3200DAP4AP Datasheet HTML 92Page - Advanced Micro Devices ADA3200DAP4AP Datasheet HTML 93Page - Advanced Micro Devices ADA3200DAP4AP Datasheet HTML 94Page - Advanced Micro Devices ADA3200DAP4AP Datasheet HTML 95Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 95 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
95
MTOPS
6MTOPS
Table 47 shows the Composite Theoretical Performance (CTP) calculations ("Calculations") for
AMD Athlon™ 64, AMD Athlon™ 64 FX, AMD Athlon™ 64 X2 Dual Core and AMD Sempron™
microprocessors. The Calculations are stated in Millions of Theoretical Operations Per Second
(MTOPS) and are based upon a formula in the United States Department of Commerce Export
Administration Regulations 15 CFR 774 (Advisory Note 4 for Category 4).
All Calculations contained herein are subject to change without notice. AMD makes no
representation or warranty as to the accuracy or reliability of such Calculations.
THESE CALCULATIONS ARE PROVIDED "AS IS" WITH NO WARRANTIES WHATSOEVER,
EXPRESS OR IMPLIED, INCLUDING ANY WARRANTY OF MERCHANTABILITY,
NONINFRINGEMENT, FITNESS FOR ANY PARTICULAR PURPOSE OR ANY WARRANTY
OTHERWISE ARISING OUT OF AMD PROVIDING OR ANY PARTY'S USE OF THE
CALCULATIONS.
Furthermore, AMD shall have no liability for any losses or damages including direct, indirect, special
or consequential, such as but not limited to, loss of anticipated profits or other economic loss
occurring in connection with use of the Calculations. No license, express or implied, by estoppel or
otherwise, to any intellectual property rights is granted herein.
Table 47: Composite Theoretical Performance (CTP) Calculations
800
2,467
4,667
1000
3,084
5,834
1200
3,700
7,000
1400
4,317
8,167
1600
4,934
9,334
1800
5,550
10,500
2000
6,167
11,667
2200
6,784
12,834
2400
7,400
14,000
2600
8,017
15,167
2800
8,634
16,334
3000
9,250
17,500
MTO PS
Dual-Core
Frequency
MTO PS
Single-Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com