Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA3200DAP3AP Datasheet(PDF) 6 Page - Advanced Micro Devices

No. de pieza ADA3200DAP3AP
Descripción Electrónicos  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DAP3AP Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button ADA3200DAP3AP Datasheet HTML 2Page - Advanced Micro Devices ADA3200DAP3AP Datasheet HTML 3Page - Advanced Micro Devices ADA3200DAP3AP Datasheet HTML 4Page - Advanced Micro Devices ADA3200DAP3AP Datasheet HTML 5Page - Advanced Micro Devices ADA3200DAP3AP Datasheet HTML 6Page - Advanced Micro Devices ADA3200DAP3AP Datasheet HTML 7Page - Advanced Micro Devices ADA3200DAP3AP Datasheet HTML 8Page - Advanced Micro Devices ADA3200DAP3AP Datasheet HTML 9Page - Advanced Micro Devices ADA3200DAP3AP Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
6
List of Tables
Table 36: AMD Turion™ 64 Mobile Technology Thermal/Power Specifications . . . . . . . . . . . . . .81
Table 37: AMD Athlon™ 64 X2 Dual Core Processor Part Definition Options . . . . . . . . . . . . . . . .84
Table 38: AMD Athlon™ 64 X2 Dual Core Processor L2 Cache Size Options . . . . . . . . . . . . . . . .84
Table 39: AMD Athlon™ 64 X2 Dual Core Processor Temperature Options . . . . . . . . . . . . . . . . . .85
Table 40: AMD Athlon™ 64 X2 Dual Core Processor Operating Voltage . . . . . . . . . . . . . . . . . . . .85
Table 41: AMD Athlon™ 64 X2 Dual Core Processor Package Options . . . . . . . . . . . . . . . . . . . . .85
Table 42: AMD Athlon™ 64 X2 Dual Core Processor Model Number Options . . . . . . . . . . . . . . . .85
Table 43: AMD Athlon™ 64 X2 Dual Core Processor Power Limit . . . . . . . . . . . . . . . . . . . . . . . . .85
Table 44: AMD Athlon™ 64 X2 Dual Core Processor Thermal Profile . . . . . . . . . . . . . . . . . . . . . .86
Table 45: AMD Athlon™ 64 X2 Dual Core Processor BIOS Specifications . . . . . . . . . . . . . . . . . .87
Table 46: AMD Athlon™ 64 X2 Dual Core Processor Thermal/Power Specifications . . . . . . . . . .91
Table 47: Composite Theoretical Performance (CTP) Calculations . . . . . . . . . . . . . . . . . . . . . . . . .95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95