Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2907 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza 2N2907
Descripción Electrónicos  GENERAL PURPOSE AMPLIFIERS AND SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907 Datasheet(HTML) 3 Page - STMicroelectronics

  2N2907 Datasheet HTML 1Page - STMicroelectronics 2N2907 Datasheet HTML 2Page - STMicroelectronics 2N2907 Datasheet HTML 3Page - STMicroelectronics 2N2907 Datasheet HTML 4Page - STMicroelectronics 2N2907 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B
0.49
0.019
D
5.3
0.208
E
4.9
0.193
F
5.8
0.228
G
2.54
0.100
H
1.2
0.047
I
1.16
0.045
L45
o
45
o
L
G
I
DA
H
C
TO-18 MECHANICAL DATA
0016043
2N2905/2N2907
3/5



Html Pages

1 2 3 4 5