Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M42000004Z Datasheet(PDF) 5 Page - Advanced Micro Devices

No. de pieza M42000004Z
Descripción Electrónicos  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000004Z Datasheet(HTML) 5 Page - Advanced Micro Devices

  M42000004Z Datasheet HTML 1Page - Advanced Micro Devices M42000004Z Datasheet HTML 2Page - Advanced Micro Devices M42000004Z Datasheet HTML 3Page - Advanced Micro Devices M42000004Z Datasheet HTML 4Page - Advanced Micro Devices M42000004Z Datasheet HTML 5Page - Advanced Micro Devices M42000004Z Datasheet HTML 6Page - Advanced Micro Devices M42000004Z Datasheet HTML 7Page - Advanced Micro Devices M42000004Z Datasheet HTML 8Page - Advanced Micro Devices M42000004Z Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
4
Am42BDS640AG
November 1, 2002
P R E L I M INARY
Figure 24. Alternate Synchronous Program Operation Timings ..... 54
Figure 25. Chip/Sector Erase Command Sequence ....................... 55
Figure 26. Accelerated Unlock Bypass Programming Timing......... 56
Figure 27. Data# Polling Timings (During Embedded Algorithm) ... 57
Figure 28. Toggle Bit Timings (During Embedded Algorithm)......... 57
Figure 29. Synchronous Data Polling Timings/Toggle Bit Timings . 58
Figure 30. Latency with Boundary Crossing ................................... 59
Figure 31. Latency with Boundary Crossing
into Program/Erase Bank ................................................................ 60
Figure 32. Example of Wait States Insertion (Standard
Handshaking Device) ...................................................................... 61
Figure 33. Back-to-Back Read/Write Cycle Timings ....................... 62
SRAM AC Characteristics . . . . . . . . . . . . . . . . . . 63
Read Cycle ............................................................................. 63
Figure 34. SRAM Read Cycle—Address Controlled....................... 63
Figure 35. SRAM Read Cycle ......................................................... 64
Write Cycle ............................................................................. 65
Figure 36. SRAM Write Cycle—WE# Control ................................ 65
Figure 37. SRAM Write Cycle—CE1#s Control ............................. 66
Figure 38. SRAM Write Cycle—UB#s and LB#s Control ............... 67
Flash Erase And Programming Performance
. 68
Flash Latchup Characteristics. . . . . . . . . . . . . . . 68
Package Pin Capacitance . . . . . . . . . . . . . . . . . . 68
Flash Data Retention . . . . . . . . . . . . . . . . . . . . . . 68
SRAM Data Retention . . . . . . . . . . . . . . . . . . . . . 69
Figure 39. CE1#s Controlled Data Retention Mode....................... 69
Figure 40. CE2s Controlled Data Retention Mode......................... 69
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 70
FSC093—93-Ball Fine-Pitch Grid Array 8 x 11.6 mm ............ 70
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 71
Revision A (May 20, 2002) ..................................................... 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72