Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29LV652D Datasheet(PDF) 53 Page - Advanced Micro Devices

No. de pieza AM29LV652D
Descripción Electrónicos  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV652D Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM29LV652D Datasheet HTML 46Page - Advanced Micro Devices AM29LV652D Datasheet HTML 47Page - Advanced Micro Devices AM29LV652D Datasheet HTML 48Page - Advanced Micro Devices AM29LV652D Datasheet HTML 49Page - Advanced Micro Devices AM29LV652D Datasheet HTML 50Page - Advanced Micro Devices AM29LV652D Datasheet HTML 51Page - Advanced Micro Devices AM29LV652D Datasheet HTML 52Page - Advanced Micro Devices AM29LV652D Datasheet HTML 53Page - Advanced Micro Devices AM29LV652D Datasheet HTML 54Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
May 5, 2006 24961A5
Am29LV652D
51
D A TA
SH EE T
PHYSICAL DIMENSIONS
FSA063—63-Ball Fine-Pitch Ball Grid Array (FBGA) 11 x 12 mm package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54