Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P320DB70RI Datasheet(PDF) 45 Page - Advanced Micro Devices

No. de pieza P320DB70RI
Descripción Electrónicos  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

P320DB70RI Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button P320DB70RI Datasheet HTML 41Page - Advanced Micro Devices P320DB70RI Datasheet HTML 42Page - Advanced Micro Devices P320DB70RI Datasheet HTML 43Page - Advanced Micro Devices P320DB70RI Datasheet HTML 44Page - Advanced Micro Devices P320DB70RI Datasheet HTML 45Page - Advanced Micro Devices P320DB70RI Datasheet HTML 46Page - Advanced Micro Devices P320DB70RI Datasheet HTML 47Page - Advanced Micro Devices P320DB70RI Datasheet HTML 48Page - Advanced Micro Devices P320DB70RI Datasheet HTML 49Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
June 13, 2005
Am29PL320D
43
AC CHARACTERISTICS
Notes:
1. PA = program address, PD = program data, DQ7# = complement of the data written to the device, DOUT = data written to the
device.
2. Figure indicates the last two bus cycles of the command sequence.
3. Word mode address used as an example.
tGHEL
tWS
OE#
CE#
WE#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tWHWH1 or 2
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
Figure 22.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49