Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4HV Datasheet(PDF) 24 Page - Knowles Electronics

No. de pieza AM4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AM4HV Datasheet(HTML) 24 Page - Knowles Electronics

Back Button AM4HV Datasheet HTML 20Page - Knowles Electronics AM4HV Datasheet HTML 21Page - Knowles Electronics AM4HV Datasheet HTML 22Page - Knowles Electronics AM4HV Datasheet HTML 23Page - Knowles Electronics AM4HV Datasheet HTML 24Page - Knowles Electronics AM4HV Datasheet HTML 25Page - Knowles Electronics AM4HV Datasheet HTML 26Page - Knowles Electronics AM4HV Datasheet HTML 27Page - Knowles Electronics AM4HV Datasheet HTML 28Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
www.knowlescapacitors.com
22
PTFE Trimmers - A1 Series
The Voltronics A1 Series of high reliability solid dielectric trimmer
capacitors is an ideal economical replacement for conventional
miniature air and sapphire dielectric trimmers and assures no
intermittent noiseless performance.
High reliability solid dielectric, positive tuning stops and up to 13 full
turns of linear tuning make the A1 Series an outstanding performer:
40 psi sealed, high voltage and non-magnetic versions are readily
available.
A1 J 8 HV
OPTIONS
SERIES
CAPACITANCE
LEAD STYLE
Options
The “HV” Option - high voltage applications:
Add “HV” to the part number, i.e., A1T4HV.
Specifications are as follows:
Capacitance DC Volts Working DC Volts Withstanding
4pF
1,000
2,000
8pF
500
1,000
11pF
500
1,000
Non-Magnetic Option:
Most parts shown can be ordered as non-magnetic.
Add “NM” to the part number, i.e., NMA1J8.
Sealed Option:
All parts shown can be ordered as 40 psi sealed.
Add “S” to the part number, i.e., A1M4S.
Tape & Reel Options:
Consult Factory - M & J style only
Recommended Tuning Tool: TT-400
General Specifications
A1_4
A1_8
A1_12
Capacitance Range
0.5 to 4pF
0.5 to 8pF 0.6 to 11pF
DC Working Voltage
250
125
125
DC Withstanding Voltage
500
250
250
Self-Resonant Frequency*
2.3 GHz at
4pF
1.7 GHz at
8pF
1.2 GHz at
11pF
Number of Turns
7
7
13
Q (min) at 100 MHz @ Max. C*
4000
3000
2000
Temperature Coefficient
0±50
ppm/˚C
0±100
ppm/˚C
0±150
ppm/˚C
Insulation Resistance @ 25˚ C
106 MΩ
Operating Temperature
-65˚C to +125˚C
Tuning Torque
0.3 to 1.0 in - oz
Shock
1,500g, 0.5 millisecs.
Vibration
50g at 10 - 2000 Hz
* Self-resonant frequency and Q are assured with no terminals on parts.
0.40”
(10.16)
0.155” (3.94)
Actual size
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com