Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J108 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza J108
Descripción Electrónicos  N-channel silicon junction FETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J108 Datasheet(HTML) 7 Page - NXP Semiconductors

  J108 Datasheet HTML 1Page - NXP Semiconductors J108 Datasheet HTML 2Page - NXP Semiconductors J108 Datasheet HTML 3Page - NXP Semiconductors J108 Datasheet HTML 4Page - NXP Semiconductors J108 Datasheet HTML 5Page - NXP Semiconductors J108 Datasheet HTML 6Page - NXP Semiconductors J108 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1996 Jul 30
7
Philips Semiconductors
Product specification
N-channel silicon junction FETs
J108; J109; J110
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7