Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT1MOA3S30/E/3 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza HT1MOA3S30/E/3
Descripción Electrónicos  HITAGTM1 Chip Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1MOA3S30/E/3 Datasheet(HTML) 3 Page - NXP Semiconductors

  HT1MOA3S30/E/3 Datasheet HTML 1Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 2Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 3Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 4Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 5Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 6Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 7Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 8Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Specifications of the HT1 MOA3 S30
Rev. 1.1
1997-08-19
Ht1moa3.doc/HS
Page 3 of 24
1 Definitions
1.1 Objective of the Specifications
This specification lists the parameters to be fulfilled by the HITAG 1 chip module
HT1 MOA3 S30 for contactless smart cards or similar transponders (as e.g. discs).
1.2 Definition of the Chip Module
A chip module is an electronically packaged chip covered with a globe top cap. The
HT1 MOA3 S30 is above all used as card module, i.e. for further lamination into contactless
smart cards according to ISO 10536.1.
So the HITAG 1 chip module HT1 MOA3 S30 is best suited for customers that do not want to
spend time with micro assembly and therefore start - e.g. ISO card production - with the
HITAG 1 chip module.
1.3 Use of the Modules
The HITAG 1 modules are designed to be connected to a coil and then to be further processed by
packaging into a transponder (e.g. lamination into an ISO smart card). Specific processing
information for the coil-module connection and packaging is given in the specification.
For production of contactless chip cards it is recommended to prepunch card foils to create a
recess for the chip module in the card body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24