Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HEF4755VT Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza HEF4755VT
Descripción Electrónicos  Transceiver for serial data communication
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4755VT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button HEF4755VT Datasheet HTML 4Page - NXP Semiconductors HEF4755VT Datasheet HTML 5Page - NXP Semiconductors HEF4755VT Datasheet HTML 6Page - NXP Semiconductors HEF4755VT Datasheet HTML 7Page - NXP Semiconductors HEF4755VT Datasheet HTML 8Page - NXP Semiconductors HEF4755VT Datasheet HTML 9Page - NXP Semiconductors HEF4755VT Datasheet HTML 10Page - NXP Semiconductors HEF4755VT Datasheet HTML 11Page - NXP Semiconductors HEF4755VT Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
January 1995
9
Philips Semiconductors
Product specification
Transceiver for serial data communication
HEF4755V
LSI
AC CHARACTERISTICS
VSS = 0 V; Tamb = −40 to + 85 °C; unless otherwise specified
Note
1. Measured between output voltage levels of 0,8 V and 2 V.
PARAMETER
VDD
V
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Asynchronous mode
AS at VDD
Clock pulse width
LOW
5
tWCPL
500
ns
10
125
ns
HIGH
5
tWCPH
500
ns
10
125
ns
START pulse
5
tWSH
0,9
µs
width HIGH
10
0,22
µs
Set-up time
5
tsu
1,4
µs
Dn → CP
10
0,35
µs
Hold time
5
thold
0
µs
CP
→ Dn
10
0
µs
Reset (R) pulse
5
tWRH
1
µs
width HIGH
10
0,25
µs
Synchronous mode
AS at VSS
Clock pulse width
5
tWCPL
625
ns
LOW
10
150
ns
HIGH
5
tWCPH
625
ns
10
150
ns
Set-up time
5
tsu
0,6
µs
START
→ CP
10
0,15
µs
Hold time
5
thold
300
ns
CP
→ START
10
75
ns
Set-up time
5
tsu
600
ns
Dn → CP
10
150
ns
Hold time
5
thold
0ns
CP
→ Dn
10
0
ns
Reset (R) pulse
5
tWRH
1
µs
width HIGH
10
0,25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com