Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS25751D Datasheet(PDF) 40 Page - Texas Instruments

No. de pieza TPS25751D
Descripción Electrónicos  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 40 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 36Page - Texas Instruments TPS25751D Datasheet HTML 37Page - Texas Instruments TPS25751D Datasheet HTML 38Page - Texas Instruments TPS25751D Datasheet HTML 39Page - Texas Instruments TPS25751D Datasheet HTML 40Page - Texas Instruments TPS25751D Datasheet HTML 41Page - Texas Instruments TPS25751D Datasheet HTML 42Page - Texas Instruments TPS25751D Datasheet HTML 43Page - Texas Instruments TPS25751D Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
Figure 8-24. BC1.2 Hardware Components
8.3.9 Digital Interfaces
The TPS25751 contains several different digital interfaces which can be used for communicating with other
devices. The available interfaces include one I2C controller, one I2C target and additional GPIOs.
8.3.9.1 General GPIO
GPIOn pins can be mapped to USB Type-C, USB PD, and application-specific events to control other ICs,
interrupt a host processor, or receive input from another IC. This buffer is configurable to be a push-pull output,
a weak push-pull, or open drain output. When configured as an input, the signal can be a de-glitched digital
input . The push-pull output is a simple CMOS output with independent pull-down control allowing open-drain
connections. The weak push-pull is also a CMOS output, but with GPIO_RPU resistance in series with the drain.
The supply voltage to the output buffer is LDO_3V3 and LDO_1V5 to the input buffer. When interfacing with non
3.3-V I/O devices the output buffer can be configured as an open drain output and an external pull-up resistor
attached to the GPIO pin. The pull-up and pull-down output drivers are independently controlled from the input
and are enabled or disabled via application code in the digital core.
Table 8-3. GPIO Functionality Table
PIN NAME
TYPE
SPECIAL FUNCTIONALITY
GPIO0
I/O
General-purpose input or output
GPIO1
I/O
General-purpose input or output
GPIO2
I/O
General-purpose input or output
GPIO3
I/O
General-purpose input or output
GPIO4
I/O
D+, general-purpose input or output, or LD1 for Liquid Detection
GPIO5
I/O
D-, general-purpose input or output, or LD2 for Liquid Detection
GPIO6
I/O
General-purpose input or output
GPIO7
I/O
General-purpose input or output
I2Ct_IRQ(GPIO10)
O
IRQ for optional I2Ct, or used as a general-purpose output
GPIO11
O
General-purpose output
I2Cc_IRQ(GPIO12)
I
IRQ for I2Cc, or used as a general-purpose input
8.3.9.2 I2C Interface
The TPS25751 features two I2C interfaces that uses an I2C I/O driver like the one shown in Figure 8-25. This I/O
consists of an open-drain output and an input comparator with de-glitching.
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89