Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP1184K5 Datasheet(PDF) 9 Page - Diodes Incorporated

No. de pieza AP1184K5
Descripción Electrónicos  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184K5 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1184K5 Datasheet HTML 4Page - Diodes Incorporated AP1184K5 Datasheet HTML 5Page - Diodes Incorporated AP1184K5 Datasheet HTML 6Page - Diodes Incorporated AP1184K5 Datasheet HTML 7Page - Diodes Incorporated AP1184K5 Datasheet HTML 8Page - Diodes Incorporated AP1184K5 Datasheet HTML 9Page - Diodes Incorporated AP1184K5 Datasheet HTML 10Page - Diodes Incorporated AP1184K5 Datasheet HTML 11Page - Diodes Incorporated AP1184K5 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 1
9 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Performance Characteristic ( Continued )
Transient Response
VCONTROL = 5.0V
VPOWER = 3.3V
VOUT = 2.5V
CCONTROL=10uF
CPOWER = 100uF
CADJ = 0.1uF
COUT = 470uF
ILOAD
10mA to 4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com