Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SZA-2044 Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

No. de pieza SZA-2044
Descripción Electrónicos  2.0-2.7 GHz 5V 1W Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRENZA [SIRENZA MICRODEVICES]
Página de inicio  
Logo SIRENZA - SIRENZA MICRODEVICES

SZA-2044 Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  SZA-2044 Datasheet HTML 1Page - SIRENZA MICRODEVICES SZA-2044 Datasheet HTML 2Page - SIRENZA MICRODEVICES SZA-2044 Datasheet HTML 3Page - SIRENZA MICRODEVICES SZA-2044 Datasheet HTML 4Page - SIRENZA MICRODEVICES SZA-2044 Datasheet HTML 5Page - SIRENZA MICRODEVICES SZA-2044 Datasheet HTML 6Page - SIRENZA MICRODEVICES SZA-2044 Datasheet HTML 7Page - SIRENZA MICRODEVICES SZA-2044 Datasheet HTML 8Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
4
EDS-103612 Rev E
SZA-2044 2.0-2.7GHz 5V Power Amp
Narrowband S21 - Gain
15
20
25
30
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Freq (GHz)
T=-40C
T=0C
T=25C
T=70C
T=85C
Narrowband S22 - Output Return Loss
-20
-15
-10
-5
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Freq (GHz)
T=-40C
T=0C
T=25C
T=70C
T=85C
Performance: 2.3 - 2.7 GHz Evaluation Board Data (Vcc = Vpc = 5.0V, Iq = 300mA)
DC Supply Current (Idc) vs Pout, T=25C
0.25
0.30
0.35
0.40
0.45
0.50
0.55
10.0
15.0
20.0
25.0
30.0
Pout (dBm)
F=2.4GHz
F=2.5GHz
F=2.7GHz
EVM vs Pout, F=2.4GHz
802.11g, OFDM, 54 Mb/s, 64QAM
0
1
2
3
4
5
6
5
10
15
20
25
Pout (dBm)
T=-40C
T=0C
T=25C
T=70C
T=85C
EVM vs Pout, F=2.5GHz
802.11g, OFDM, 54 Mb/s, 64QAM
0
1
2
3
4
5
6
5
10
15
20
25
Pout (dBm)
T=-40C
T=0C
T=25C
T=70C
T=85C
Icq (DC Bias Point) vs Vsupply (V+ and Vpc)
0.0
0.1
0.2
0.3
0.4
0.5
3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 5.6
Vsupply (V)
T=-40C
T=25C
T=85C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com