Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TN22 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza TN22
Descripción Electrónicos  STARTLIGHT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN22 Datasheet(HTML) 2 Page - STMicroelectronics

  TN22 Datasheet HTML 1Page - STMicroelectronics TN22 Datasheet HTML 2Page - STMicroelectronics TN22 Datasheet HTML 3Page - STMicroelectronics TN22 Datasheet HTML 4Page - STMicroelectronics TN22 Datasheet HTML 5Page - STMicroelectronics TN22 Datasheet HTML 6Page - STMicroelectronics TN22 Datasheet HTML 7Page - STMicroelectronics TN22 Datasheet HTML 8Page - STMicroelectronics TN22 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TN22
2/9
®
Table 2: Thermal resistance
GATE CHARACTERISTICS (maximum values)
PG (AV) = 300 mW PGM = 2W(tp = 20 µs) IFGM=1 A (tp = 20 µs) VRGM = 6V
Table 3: Static electrical characteristics (per diode)
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to AMBIENT
DPAK / IPAK
100
°C/W
TO-220AB
60
Rth(j-c)
Junction to case
3
°C/W
Symbol
Test conditions
Type
Value
Unit
IGT
VD=12V (DC) RL= 33Ω
Tj = 25°C
MAX
1.5
mA
VGT
VD=12V (DC) RL= 33Ω
RGK = 1 KΩ
Tj = 25°C
MAX
3
V
IH
VGK = 0V
Tj = 25°C
MIN
175
mA
VTM
ITM = 2A tp = 380µs
Tj = 25°C
MAX
3.1
V
IDRM
VDRM Rated
Tj = 25°C
MAX
0.1
mA
dV/dt
Linear slope up to
VD=67%VDRM VGK = 0V
Tj = 110°C
MIN
500
V/µs
Symbol
Test conditions
Type
Value
Unit
TN22-1500
VBR
ID = 5mA VGK = 0V
Tj = 25°C
MIN
1200
V
MAX
1500
V



Html Pages

1 2 3 4 5 6 7 8 9