| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
REF02CSZ-REEL2 Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF02CSZ-REEL2 Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() REF02 Rev. I | Page 13 of 16 OUTLINE DIMENSIONS CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. 0.310 (7.87) 0.220 (5.59) 0.005 (0.13) MIN 0.055 (1.40) MAX 0.100 (2.54) BSC 15° 0° 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) SEATING PLANE 0.200 (5.08) MAX 0.405 (10.29) MAX 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36) 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 14 5 8 Figure 27. 8-Lead Ceramic Dual In-Line Package [CERDIP] Z-Suffix (Q-8) Dimensions shown in inches and (millimeters) COMPLIANT TO JEDEC STANDARDS MS-001-BA 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) SEATING PLANE 0.015 (0.38) MIN 0.210 (5.33) MAX PIN 1 0.150 (3.81) 0.130 (3.30) 0.115 (2.92) 0.070 (1.78) 0.060 (1.52) 0.045 (1.14) 8 1 4 5 0.280 (7.11) 0.250 (6.35) 0.240 (6.10) 0.100 (2.54) BSC 0.400 (10.16) 0.365 (9.27) 0.355 (9.02) 0.060 (1.52) MAX 0.430 (10.92) MAX 0.014 (0.36) 0.010 (0.25) 0.008 (0.20) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) 0.195 (4.95) 0.130 (3.30) 0.115 (2.92) 0.015 (0.38) GAUGE PLANE 0.005 (0.13) MIN CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS. Figure 28. 8-Lead Plastic Dual In-Line Package [PDIP] Narrow Body P-Suffix (N-8) Dimensions shown in inches and (millimeters) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. COMPLIANT TO JEDEC STANDARDS MO-002-AK 0.2500 (6.35) MIN 0.5000 (12.70) MIN 0.1850 (4.70) 0.1650 (4.19) REFERENCE PLANE 0.0500 (1.27) MAX 0.0190 (0.48) 0.0160 (0.41) 0.0210 (0.53) 0.0160 (0.41) 0.0400 (1.02) 0.0100 (0.25) 0.0400 (1.02) MAX 0.0340 (0.86) 0.0280 (0.71) 0.0450 (1.14) 0.0270 (0.69) 0.1600 (4.06) 0.1400 (3.56) 0.1000 (2.54) BSC 6 2 8 7 5 4 3 1 0.2000 (5.08) BSC 0.1000 (2.54) BSC 45° BSC BASE & SEATING PLANE Figure 29. 8-Lead Metal Header Package [TO-99] J-Suffix (H-08) Dimensions shown in inches and (millimeters) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. 1 20 4 9 8 13 19 14 3 18 BOTTOM VIEW 0.028 (0.71) 0.022 (0.56) 45° TYP 0.015 (0.38) MIN 0.055 (1.40) 0.045 (1.14) 0.050 (1.27) BSC 0.075 (1.91) REF 0.011 (0.28) 0.007 (0.18) R TYP 0.095 (2.41) 0.075 (1.90) 0.100 (2.54) REF 0.200 (5.08) REF 0.150 (3.81) BSC 0.075 (1.91) REF 0.358 (9.09) 0.342 (8.69) SQ 0.358 (9.09) MAX SQ 0.100 (2.54) 0.064 (1.63) 0.088 (2.24) 0.054 (1.37) Figure 30. 20-Terminal Ceramic Leadless Chip Carrier [LCC] RC-Suffix (E-20A) Dimensions shown in inches and (millimeters) |