| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL080CPE4 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL080CPE4 Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 13 page ![]() TL080 JFET-INPUT OPERATIONAL AMPLIFIER SLOS368 – JUNE 2001 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 11 1 TA – Free-Air Temperature – °C 1000 2 4 10 20 40 100 200 400 LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION vs FREE-AIR TEMPERATURE VCC ± = ±15 V VO = ±10 V RL = 2 kΩ –75 –50 –25 0 25 50 75 100 125 Figure 12 0 ° 45 ° 180 ° 135 ° 90 ° 1 f – Frequency – Hz 106 101 102 103 104 105 Phase Shift (right scale) LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE SHIFT vs FREQUENCY Differential Voltage Amplification (left scale) 100 1 k 10 k 100 k 1 M 10 M 10 1 VCC ± = ±5 V to ±15 V RL = 2 kΩ TA = 25°C Figure 13 VCC ± = ±15 V C2 = 3 pF TA = 25°C See Figure 3 105 104 103 102 10 1 M 100 k 10 k 1 k 106 10 M f – Frequency – Hz 1 100 DIFFERENTIAL VOLTAGE AMPLIFICATION vs FREQUENCY WITH FEED-FORWARD COMPENSATION Figure 14 –75 0 TA – Free-Air Temperature – °C 125 2.0 – 50 – 25 0 25 50 75 100 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 VCC ± = ±15 V No Signal No Load SUPPLY CURRENT PER AMPLIFIER vs FREE-AIR TEMPERATURE |