Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RB-0515SP Datasheet(PDF) 4 Page - Recom International Power

No. de pieza RB-0515SP
Descripción Electrónicos  1 Watt SIP7 & DIP14 Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECOM [Recom International Power]
Página de inicio  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-0515SP Datasheet(HTML) 4 Page - Recom International Power

  RB-0515SP Datasheet HTML 1Page - Recom International Power RB-0515SP Datasheet HTML 2Page - Recom International Power RB-0515SP Datasheet HTML 3Page - Recom International Power RB-0515SP Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
31
July-2006
Package Style and Pinning (mm)
RB & RA
Series
ECONOLINE
DC/DC-Converter
3rd angle
projection
14 PIN DIP Package
3.25
7.10
15.24
2.0
Bottom View
7.62
10.00
ø 0.51 typ.
Top View
Dual Output
Single Output
RECOM
RA-0505S
****
98
11
14
17
2.54
1.00ø+0.15/–0
2.54
19.90
RECOM
RA-0505D
****
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
7NC
NC
8
–Vout
Com
9
+Vout
+Vout
11
NC
–Vout
14
+Vin
+Vin
NC = No Connection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com