Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM263P4 Datasheet(PDF) 25 Page - Texas Instruments

No. de pieza AM263P4
Descripción Electrónicos  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 21Page - Texas Instruments AM263P4 Datasheet HTML 22Page - Texas Instruments AM263P4 Datasheet HTML 23Page - Texas Instruments AM263P4 Datasheet HTML 24Page - Texas Instruments AM263P4 Datasheet HTML 25Page - Texas Instruments AM263P4 Datasheet HTML 26Page - Texas Instruments AM263P4 Datasheet HTML 27Page - Texas Instruments AM263P4 Datasheet HTML 28Page - Texas Instruments AM263P4 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
A5
A5
MMC0_CD
MMC0_CD_CFG_REG
0x5310 0150
0x0000 05F7
MMC0_CD
0
I
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART0_CTSn
1
I
I2C2_SDA
2
IO
MCAN5_TX
3
O
EPWM20_B
5
O
GPIO84
7
IO
SDFM1_D3
8
I
EPWM20_B
10
O
B6
B6
MMC0_CLK
MMC0_CLK_CFG_REG
0x5310 0134
0x0000 05F7
MMC0_CLK
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART0_RXD
1
I
LIN0_RXD
2
IO
MCAN0_RX
3
I
EPWM17_A
5
O
GPIO77
7
IO
SDFM1_CLK0
8
I
EPWM17_A
10
O
A4
A4
MMC0_CMD
MMC0_CMD_CFG_REG
0x5310 0138
0x0000 05F7
MMC0_CMD
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART0_TXD
1
O
LIN0_TXD
2
IO
MCAN0_TX
3
O
EPWM17_B
5
O
GPIO78
7
IO
SDFM1_D0
8
I
EPWM17_B
10
O
C6
C6
MMC0_WP
MMC0_WP_CFG_REG
0x5310 014C
0x0000 05F7
MMC0_WP
0
I
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART0_RTSn
1
O
I2C2_SCL
2
IO
MCAN5_RX
3
I
EPWM20_A
5
O
GPIO83
7
IO
SDFM1_CLK3
8
I
EPWM20_A
10
O
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More