Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS358M Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

No. de pieza AS358M
Descripción Electrónicos  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Página de inicio  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS358M Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS358M Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS358M Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS358M Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS358M Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS358M Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS358M Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS358M Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS358M Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS358M Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358/358A
1
BCD Semiconductor Manufacturing Limited
Sep. 2006 Rev. 1. 6
Data Sheet
General Description
The AS358/358A consist of two independent, high
gain and internally frequency compensated operational
amplifiers, they are specifically designed to operate
from a single power supply. Operation from split
power supply is also possible and the low power sup-
ply current drain is independent of the magnitude of
the power supply voltages. Typical applications
include transducer amplifiers, DC gain blocks and
most conventional operational amplifier circuits.
The AS358/358A series are compatible with industry
standard 358. AS358A has more stringent input offset
voltage than AS358.
The AS358 is available in DIP-8, SOIC-8, TSSOP-8
and MSOP-8 packages, AS358A is available in DIP-8
and SOIC-8 packages.
Features
·
Internally Frequency Compensated for Unity
Gain
·
Large Voltage Gain: 100dB (Typical)
·
Low Input Bias Current: 20nA (Typical)
·
Low Input Offset Voltage: 2mV (Typical)
·
Low Supply Current: 0.5mA (Typical)
·
Wide Power Supply Voltage:
Single Supply: 3V to 36V
Dual Supplies: ±1.5V to ±18V
·
Input Common Mode Voltage Range Includes
Ground
·
Large Output Voltage Swing: 0V to VCC -1.5V
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
Figure 1. Package Types of AS358/358A
SOIC-8
TSSOP-8
DIP-8
MSOP-8


Número de pieza similar - AS358M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AS358M-E1 BCDSEMI-AS358M-E1 Datasheet
819Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358M-E1 BCDSEMI-AS358M-E1 Datasheet
819Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AS358M-E1 DIODES-AS358M-E1 Datasheet
571Kb / 19P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
Rev 6
logo
BCD Semiconductor Manuf...
AS358M-G1 BCDSEMI-AS358M-G1 Datasheet
819Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358M-G1 BCDSEMI-AS358M-G1 Datasheet
819Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Descripción similar - AS358M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com