| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BL702/704/706 Datasheet(PDF) 31 Page - Bouffalo Lab Intelligent Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
BL702/704/706 Datasheet(HTML) 31 Page - Bouffalo Lab Intelligent Technology Co., Ltd. |
|
31 / 47 page ![]() BL702/704/706 Datasheet 6.2.1 Power characteristics Table 6.2: Recommended Power Operating Range Pin Name Min. Typ Max. Unit VDDIO_1 1.62/1.8 1.8/3.3 1.92/3.63 V VDDIO_2 1.8 3.3 3.63 V VDDIO_3 1.8 3.3 3.63 V VDDBUS_USB 4.5 5 5.5 V AVDD33_AON 1.8 3.3 3.63 V AVDD33_PA 1.4/2.97 1.5/3.3 1.6/3.63 V AVDD33_RF 1.4/2.97 1.5/3.3 1.6/3.63 V 6.2.2 Temperature sensor characteristics Table 6.3: Recommended Temperature Operating Range Item Min. Max. Unit Temperature Main Die -40 105 ◦C Multi-Die SiP -40 85 ◦C 6.2.3 General operating conditions Table 6.4: General Operating Conditions Item Description Min. Typ Max. Unit FCPU CPU/TCM/Cache clock frequency 0 32 144 MHz FSYS System clock frequency 0 32 72 MHz 6.2.4 GPADC characteristics BL702/704/706 Datasheet 31/ 47 @2021 Bouffalo Lab |