Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM43236 Datasheet(PDF) 2 Page - Cypress Semiconductor

No. de pieza BCM43236
Descripción Electrónicos  2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43236 Datasheet(HTML) 2 Page - Cypress Semiconductor

  BCM43236 Datasheet HTML 1Page - Cypress Semiconductor BCM43236 Datasheet HTML 2Page - Cypress Semiconductor BCM43236 Datasheet HTML 3Page - Cypress Semiconductor BCM43236 Datasheet HTML 4Page - Cypress Semiconductor BCM43236 Datasheet HTML 5Page - Cypress Semiconductor BCM43236 Datasheet HTML 6Page - Cypress Semiconductor BCM43236 Datasheet HTML 7Page - Cypress Semiconductor BCM43236 Datasheet HTML 8Page - Cypress Semiconductor BCM43236 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Preliminary Data Sheet
BCM43236/BCM43236B
43236_43236B-DS103-R
5300 California Avenue • Irvine, CA 92617 • Phone: 949-926-5000 • Fax: 949-926-5203
September 16, 2013
2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
GENERAL DESCRIPTION
FEATURES
The BCM43236/BCM43236B is a dual-band (2.4 GHz
and 5 GHz) IEEE 802.11n-compliant MAC/PHY/Radio
complete system-on-a-chip with 2.4 GHz and 5 GHz
internal PAs. The device enables development of USB
2.0- or HSIC-based IEEE 802.11n WLAN client and
router subsystem solutions. The BCM43236/
BCM43236B addresses all WLAN markets that deliver
high throughput and extended range of the Broadcom
second-generation MIMO solution. With MIMO,
information is bidirectional over two or more antennas
simultaneously using the same frequency band thus
providing greater range and increasing throughput,
while maintaining compatibility with legacy IEEE
802.11a/b/g devices. This is accomplished by a
combination of enhanced MAC and PHY
implementations including spatial transmitter/
receiver multiplexing modes and advanced DSP
techniques to improve receive sensitivity.
43236B Enhancements:
256 KB ROM with WLAN driver mapped to support
CPU host offload for low-end SoC platforms. Improved
radio for better band edge and output power
performance. Open Source Linux driver support.
The BCM43236/BCM43236B architecture with its fully
integrated dual-band radio transceiver supports 2 × 2
antennas for Layer 2 throughput of over 200 Mbps.
State-of-the-art security is provided by industry
standardized system support for WPA™, WPA2™ (IEEE
802.11i), and hardware-accelerated AES encryption/
decryption, coupled with TKIP and IEEE 802.1X
support. Embedded hardware acceleration enables
increased performance and significant reduction in
host-CPU utilization in both client and access point
configurations. The BCM43236/BCM43236B also
supports Broadcom’s widely accepted and deployed
WPS for ease-of-use wireless secured networks.
• IEEE 802.11n-compliant
• 2.4 GHz and 5 GHz internal PA
• Two-stream spatial multiplexing up to 300 Mbps
• Uses on-chip OTP (One-Time Programmable) memory
instead of SROM for substantial RBOM savings.
• Supports MCS 0–15 and MCS 32 modulation and
coding rates.
• Supports 20 MHz and 40 MHz channels with optional
SGI.
• Support for STBC in both TX and RX
• Greenfield, mixed mode, and legacy modes supported
• Full IEEE 802.11a/b/g legacy compatibility with
enhanced performance.
• Supports one USB 2.0 host or one 480 MHz HSIC port.
• UART and JTAG interface, up to eight GPIOs.
• Supports up to 32 MB of serial flash memory.
• ARM® Cortex-M3™ CPU core plus 256 KB ROM and
448 KB RAM.
• 256 KB ROM supports driver ROMLIB of the latest
driver for CPU host offload functionality.
• Supports Broadcom’s OneDriver™ software.
• Supports WHQL certified drivers for Windows® Vista
32- and 64-bit, Windows® XP, and Windows 2000
operating systems for client applications.
• Supports Linux® and VxWorks® for access point and
router applications.
• Comprehensive wireless network security support
that includes WPA, WPA2, and AES encryption/
decryption coupled with TKIP and IEEE 802.1X
support.
• BCM43236/BCM43236B package: 10 mm x 10 mm
88-pin QFN
APPLICATIONS
• USB 2.0 dongles
• HSIC media modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43