Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

V200Z-R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza V200Z-R
Descripción Electrónicos  AIOT Wi-Fi/Bluetooth Combo Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

V200Z-R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button V200Z-R Datasheet HTML 5Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 6Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 7Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 8Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 9Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 10Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 11Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 12Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
V200Z-R
FN-LINK TECHNOLOGY LIMITED
9
3.3 Bluetooth Specification
Feature
Description
General Specification
Bluetooth Standard
Bluetooth V5.2
Frequency Band
2402 MHz ~ 2480 MHz
Number of Channels
79 channels for BDR/EDR, 40 channels for BLE
Modulation
GFSK, π/4-DQPSK, 8-DPSK
RF Specification
Min.
Typical.
Max.
Output Power - BDR/LE
8dBm
Output Power - EDR
6dBm
Sensitivity @ BER=0.1%
for GFSK (1Mbps)
-91dBm
Sensitivity @ BER=0.01%
for π/4-DQPSK (2Mbps)
-89dBm
Sensitivity @ BER=0.01%
for 8DPSK (3Mbps)
-83dBm
Sensitivity @ PER < 30.8%
for BLE
-90dBm
Maximum Input Level
GFSK (1Mbps):-20dBm
π/4-DQPSK (2Mbps) :-20dBm
8DPSK (3Mbps) :-20dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22