Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSP430F135IPM Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MSP430F135IPM
Descripción Electrónicos  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MSP430F135IPM Datasheet(HTML) 73 Page - Texas Instruments

Back Button MSP430F135IPM Datasheet HTML 69Page - Texas Instruments MSP430F135IPM Datasheet HTML 70Page - Texas Instruments MSP430F135IPM Datasheet HTML 71Page - Texas Instruments MSP430F135IPM Datasheet HTML 72Page - Texas Instruments MSP430F135IPM Datasheet HTML 73Page - Texas Instruments MSP430F135IPM Datasheet HTML 74Page - Texas Instruments MSP430F135IPM Datasheet HTML 75Page - Texas Instruments MSP430F135IPM Datasheet HTML 76Page - Texas Instruments MSP430F135IPM Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Oct-2023
TRAY
L - Outer tray length without tabs
KO -
Outer
tray
height
W -
Outer
tray
width
P1 - Tray unit pocket pitch
CW - Measurement for tray edge (Y direction) to corner pocket center
CL - Measurement for tray edge (X direction) to corner pocket center
Text
Chamfer on Tray corner indicates Pin 1 orientation of packed units.
*All dimensions are nominal
Device
Package
Name
Package
Type
Pins
SPQ
Unit array
matrix
Max
temperature
(°C)
L (mm)
W
(mm)
K0
(µm)
P1
(mm)
CL
(mm)
CW
(mm)
MSP430F133IPAG
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F133IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F133IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F135IPAG
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F135IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F135IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1471IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1471IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPAG
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1481IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1481IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPAG
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1491IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
Pack Materials-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83