Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISUM6003 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

No. de pieza ISUM6003
Descripción Electrónicos  FRED Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISUM6003 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISUM6003 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISUM6003 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISUM6003 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISUM6003
eq MMF300S120DK2B
FRED Module
www.iscsemi.com
2023-9-2
1
FEATURES
·
Soft Reverse Recovery Characteristics
·
Ultrafast Reverse Recovery Time
·
Low Reverse Recovery Loss
·
Low Foward Voltage
·
High Surge Current Capability
APPLICATIONS
·
UPS
·
Inversion Welder
·
Plating Power Supply
Absolute Maximum Ratings(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VR
Maximum DC Reverse Voltage
1200
V
VRRM
Maximum Repetitive Reverse Voltage
1200
V
IF(AV)
Average Forward Current
TC=110℃,Per Diode
300
A
TC=120℃,20KHz,Per Diode
200
A
IF(RMS)
RMS Forward Current
TC=110℃,Per Diode
420
A
IFSM
Non-repetitive Surge Forward Current
TJ=45℃,t=10ms,50Hz,Sine
2700
A
TJ=45℃,t=8.3ms,50Hz,Sine
2850
A
I2t
I2t(For Fusing)
TJ=45℃,t=10ms,50Hz,Sine
36.45
KA2S
TJ=45℃,t=8.3ms,50Hz,Sine
40.61
KA2S
PD
Power Dissipation
893
W
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~125
W


Número de pieza similar - ISUM6003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
ISUM6004 ISC-ISUM6004 Datasheet
298Kb / 3P
FRED Module
2023-9-2
ISUM6009 ISC-ISUM6009 Datasheet
294Kb / 3P
Diode Power Module
More results

Descripción similar - ISUM6003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MacMic
MMF2X100J060D MACMIC-MMF2X100J060D Datasheet
339Kb / 3P
600V 100A FRED Module
MMF150S060DA MACMIC-MMF150S060DA Datasheet
457Kb / 3P
600V 150A FRED Module
MMF150S060DK MACMIC-MMF150S060DK Datasheet
390Kb / 3P
600V 150A FRED Module
MMF150S120DA MACMIC-MMF150S120DA Datasheet
439Kb / 3P
1200V 150A FRED Module
MMF200N120DA MACMIC-MMF200N120DA Datasheet
391Kb / 3P
1200V 200A FRED Module
MMF200Y060DK1 MACMIC-MMF200Y060DK1 Datasheet
346Kb / 3P
600V 200A FRED Module
MMF300S120B2B MACMIC-MMF300S120B2B Datasheet
400Kb / 3P
1200V 300A FRED Module
MMF300S120DA MACMIC-MMF300S120DA Datasheet
311Kb / 3P
1200V 300A FRED Module
MMF2X100J120D6B MACMIC-MMF2X100J120D6B Datasheet
143Kb / 3P
1200V 200A FRED Module
January 2015 Version 01
logo
Inchange Semiconductor ...
MMF300S060DK ISC-MMF300S060DK Datasheet
298Kb / 3P
FRED Module
2023-9-2
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com