| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
97-607 Datasheet(PDF) 39 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
97-607 Datasheet(HTML) 39 Page - Laird Tech Smart Technology |
|
39 / 64 page ![]() FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS CUSTOM STAMPING—MULTISLIDE CAPABILITIES 2.26 www.lairdtech.com MultiSlide fabrication provides high volume production quantities with low-cost tooling. A variety of part configurations can be designed for this economic process. In-house tooling design and manufacturing help reduce lead times. ADVANTAGES: • Reduced material consumption • Variations in materials are available from wire to flat strips • Fully automated production • Tooling can be easily reworked to accommodate moderate changes • Form stations are independently adjustable for part consistency • Interchangeability of tools • Economic fabrication of RF board level shields For more information on custom products, contact Laird Technologies’ sales department. FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS CUSTOM STAMPING—CARDCAGE SHIELDING Laird Technologies’ broad line of products for cardcage applications assures compliance with shielding, ESD, grounding and packaging requirements. ADVANTAGES: • Superior shielding effectiveness • Low force insertion and removal • Easy snag-free card installation • Accommodates wide variations in hardware construction • Center ribs on select styles serve as guides to prevent card damage • Available in extruded, die-cut, form-in-place and printed conductive elastomers; beryllium copper, stainless steel and other metals; and conductive fabric over die-cut foam shapes • Quick turnaround on prototypes and short production runs LT-3034 Metals_catalog 10/8/04 10:31 AM Page 2.26 |