| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F407IE Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IE Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 203 page ![]() Introduction STM32F405xx, STM32F407xx 12/203 DS8626 Rev 9 1 Introduction This datasheet provides the description of the STM32F405xx and STM32F407xx lines of microcontrollers. For more details on the whole STMicroelectronics STM32™ family, please refer to Section 2.1: Full compatibility throughout the family. The STM32F405xx and STM32F407xx datasheet should be read in conjunction with the STM32F4xx reference manual which is available from the STMicroelectronics website www.st.com. For information on the Arm®(a) Cortex®-M4 core, please refer to the Cortex®-M4 programming manual (PM0214) available from www.st.com. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |