Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F405VG Datasheet(PDF) 58 Page - STMicroelectronics

No. de pieza STM32F405VG
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 54Page - STMicroelectronics STM32F405VG Datasheet HTML 55Page - STMicroelectronics STM32F405VG Datasheet HTML 56Page - STMicroelectronics STM32F405VG Datasheet HTML 57Page - STMicroelectronics STM32F405VG Datasheet HTML 58Page - STMicroelectronics STM32F405VG Datasheet HTML 59Page - STMicroelectronics STM32F405VG Datasheet HTML 60Page - STMicroelectronics STM32F405VG Datasheet HTML 61Page - STMicroelectronics STM32F405VG Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 203 page
background image
Pinouts and pin description
STM32F405xx, STM32F407xx
58/203
DS8626 Rev 9
55 B6 89 133 A10 161
PB3
(JTDO/
TRACESWO)
I/O
FT
-
JTDO/ TRACESWO/
SPI3_SCK / I2S3_CK /
TIM2_CH2 / SPI1_SCK/
EVENTOUT
-
56 A6 90 134 A9
162
PB4
(NJTRST)
I/O
FT
-
NJTRST/ SPI3_MISO /
TIM3_CH1 / SPI1_MISO /
I2S3ext_SD/ EVENTOUT
-
57 D7 91 135 A6
163
PB5
I/O
FT
-
I2C1_SMBA/ CAN2_RX /
OTG_HS_ULPI_D7 /
ETH_PPS_OUT/TIM3_CH2
/ SPI1_MOSI/ SPI3_MOSI /
DCMI_D10 / I2S3_SD/
EVENTOUT
-
58 C7 92 136 B6
164
PB6
I/O
FT
-
I2C1_SCL/ TIM4_CH1 /
CAN2_TX /
DCMI_D5/USART1_TX/
EVENTOUT
-
59 B7 93 137 B5
165
PB7
I/O
FT
-
I2C1_SDA / FSMC_NL /
DCMI_VSYNC /
USART1_RX/ TIM4_CH2/
EVENTOUT
-
60 A7 94 138 D6 166
BOOT0
I
B
-
-
VPP
61 D8 95 139 A5
167
PB8
I/O
FT
-
TIM4_CH3/SDIO_D4/
TIM10_CH1 / DCMI_D6 /
ETH_MII_TXD3 /
I2C1_SCL/ CAN1_RX/
EVENTOUT
-
62 C8 96 140 B4
168
PB9
I/O
FT
-
SPI2_NSS/ I2S2_WS /
TIM4_CH4/ TIM11_CH1/
SDIO_D5 / DCMI_D7 /
I2C1_SDA / CAN1_TX/
EVENTOUT
-
-
-
97 141 A4
169
PE0
I/O
FT
-
TIM4_ETR / FSMC_NBL0 /
DCMI_D2/ EVENTOUT
-
-
-
98 142 A3
170
PE1
I/O
FT
-
FSMC_NBL1 / DCMI_D3/
EVENTOUT
-
63
-
99
-
D5
-
VSS
S-
-
-
-
Table 7. STM32F40xxx pin and ball definitions(1) (continued)
Pin number
Pin name
(function after
reset)(2)
Alternate functions
Additional
functions